Part Number Hot Search : 
M68707 1029596 PCA9549D AVT50A MAX4103 T6K01 FCT16 V20220
Product Description
Full Text Search
 

To Download DR-100-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification DR-100-12 dr-100-15 dr-100-24 model dc voltage rated current current range rated power output voltage adj. range line regulation load regulation setup, rise time hold up time (typ.) voltage range frequency range efficiency (typ.) ac current (typ.) input inrush current (typ.) safety standards harmonic current ems immunity working humidity working temp. storage temp., humidity temp. coefficient vibration mtbf dimension others note packing overload over voltage 12v 15v 24v 7.5a 6.5a 4.2a 0 ~ 7.5a 0 ~ 6.5a 0 ~ 4.2a 90w 97.5w 100.8w 120mvp-p 120mvp-p 150mvp-p 1.0% 1.0% 15 ~ 18v 24 ~ 29v 12 ~ 15v 1.0% 2.0% 1.0% 1.0% 1.0% 1.0% 1.0% 2700ms, 80ms/230vac 2700ms, 80ms/115vac at full load 50ms/230vac 18ms/115vac at full load 88 ~ 264vac 124 ~ 370vdc 47 ~ 63hz 87% 87% 89% 3a/115vac 1.6a/230vac cold start 30a/115vac 45a/230vac 105 ~ 135% rated output power protection type : constant current limiting, recovers automatica lly after fault condition is removed 16 ~ 20v protection type : shut down o/p voltage, re-power on to recover 19 ~ 23v 30 ~ 35v -20 ~ +60 (refer to output load derating curve) 20 ~ 90% rh non-condensing -40 ~ +85 , 10 ~ 95% rh 0.03%/ (0 ~ 50 ) component:10 ~ 500hz, 2g 10min./1cycle, 60min. each along x, y, z axes; mo unting: compliance to iec60068-2-6 486k hrs min. mil-hdbk-217f (25 ) 100*93*56mm (w*h*d) 0.35kg; 36pcs/13.6kg/0.89cuft 1. all parameters not specially mentioned are measured at 230vac input, r ated load and 25 of ambient temperature. 2. ripple & noise are measured at 20mhz of bandwidth by using a 12" twisted pair- wire terminated with a 0.1uf & 47uf parallel capacitor. 3. tolerance : includes set up tolerance, line regulation and load regula tion. 4. the power supply is considered a component which will be installed into a fi nal equipment. the final equipment must be re-confirmed that it still me ets emc directives. 5. harmonic current test @ 90% load. file name:dr-100-spec 2007-08-09 compliance to en61204-3, en55022 classb compliance to en61000-3-2,-3 compliance to en61000-4-2, 3, 4, 5, 6, 8, 11, env50204, en55024, en61000- 6-2, en61204-3, heavy industry level, criteria a 100w single output industrial din rail power supply d r - 1 0 0 s e r i e s universal ac input / full rangeprotections: short circuit / overload / over voltage / over temperature cooling by free air convection can be installed on din rail ts-35/7.5 or 15 isolation class led indicator for power on 100% full load burn-in test 3 years warranty no load power consumption<1w features : ripple & noise (max.) note.2 voltage tolerance note.3 environment protection safety & emc (note 4) withstand voltage isolation resistance emi conduction & radiation i/p-o/p:3kvac i/p-o/p:>100m ohms/500vdc 25 70%rh ul60950-1, tuv en60950-1 a en50178 pproved, design refer to .. over temperature protection type : shut down o/p voltage, re-power on to recover 90 15 (rth2) detect on heatsink of power transistor
-20 0 10 20 30 40 45 50 60 70 (vertical) 20 40 60 80 100 block diagram ambient temperature ( ) load (%) mechanical specification file name:dr-100-spec 2007-08-09 terminal pin no. assignment pin no. pin no. 2 1 5,6 3,4 78 assignment assignment +v ac/l ac/n -v led +v adj. pwm circuit detection o.l.p. emi filter rectifiers & filter power switching filter & rectifiers +v -v i/p control o.v.p. derating curve vs ambient temperature input voltage (vac) 60hz 88 100 95 120 110 160 140 200 180 240 220 264 load (%) ta=25 90 100 80 70 60 50 40 output derating vs input voltage 230v ac input 110v ac input case no.970a unit:mm 100w single output industrial din rail power supply d r - 1 0 0 s e r i e s admissible din-rail:ts35/7.5 or ts35/15 35 45 68 93 46.5 46.5 8 3 27.4 47 56 5 5 5 5 2 4 5 63 64.75 1 100 7.5 7


▲Up To Search▲   

 
Price & Availability of DR-100-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X